Part Number Hot Search : 
AD9002BD AD9002BD R1114 TK31E60W WM819 2SCR553 1250C 2KBP10M
Product Description
Full Text Search
 

To Download CRSH1-8LEADFREE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  schottky rectifiers 1.0 to 75 amperes 20 to 100 volts www.centralsemi.com i o (amps) 1.0 2.0 3.0 @t l ( o c) 100 75 75 95 i fsm (amps) 25 30 50 80 case do-41* do-15 do-201ad v rrm (volts) 20 1n5817 crsh1-2 crsh2-2 1n5820 30 1n5818 crsh1-3 crsh2-3 1n5821 40 1n5819 crsh1-4 crsh2-4 1n5822 50 crsh1-5 crsh2-5 60 crsh1-6 crsh2-6 80 crsh1-8 crsh2-8 100 crsh1-10 crsh1-10 v f max @ i f =i o 20v 0.45v 0.50v 0.50v 0.475v 30v 0.55v 0.50v 0.50v 0.500v 40v 0.60v 0.50v 0.50v 0.525v 50v 0.70v 0.70v 60v 0.70v 0.70v 80v & 100v 0.85v 0.85v i r max @ v rrm 1.0ma 0.5ma 0.5ma 2.0ma * also available in do-41sp case (0.6mm lead diameter) with radial tape and reel (do-41sp-rpcu). see pages 239 thru 240. (6-december 2004)
schottky rectifiers (continued) www.centralsemi.com i o (amps) 3.0 5.0 8.0 @ t a ( o c) 25 25 25 25 i fsm (amps) 100 250 250 250 case do-201ad v rrm (volts) 20 crsh3-2 cn5823 crsh5-2 crsh8a-2 30 crsh3-3 cn5824 crsh5-3 crsh8a-3 40 crsh3-4 cn5825 crsh5-4 crsh8a-4 50 crsh3-5 crsh5-5 60 crsh3-6 crsh5-6 80 crsh3-8 100 crsh3-10 v f max @ i f =i o 20v 0.50v max @ 3.0a 0.45v max @ 5.0a 0.57v max @ 5.0a 0.55v max @8.0a 30v 0.50v max @ 3.0a 0.45v max @ 5.0a 0.57v max @ 5.0a 0.55v max @ 8.0a 40v 0.50v max @ 3.0a 0.45v max @ 5.0a 0.57v max @ 5.0a 0.55v max @8.0a 50v 0.75v max @ 3.0a 0.70v max @ 5.0a 60v 0.75v max @ 3.0a 0.70v max @ 5.0a 80v 0.85v max @ 3.0a 100v 0.85v max @ 3.0a i r max @ v rrm 0.5ma 10ma 10ma 10ma (9-november 2006)
i o (amps) 8.0 16 @ t c (c) 100 90 i fsm (amps) 150 150 case to-220fp 2 lead to-220fp v rrm (volts) 40 crsh8-40fp crsh16d-40fp 60 crsh8-60fp crsh16d-60fp 100 crsh8-100fp crsh16d-100fp v f max @ i f = i o @ t c = 125c 40v 0.57v 0.72v 60v 0.65v 0.85v 100v 0.75v 1.00v top view bottom view 1 2 1 2 3 1 2 1 2 3 single dual full pak schottky rectifiers to-220fp 8.0 to 16 amperes 40 to 100 volts full pak: fully insulated plastic case. suitable for automatic insertion. no mica insulator required. does not require non-conductive nylon hardware. can be easliy mounted with metal screw or rivet. www.centralsemi.com (6-december 2004)
schottky rectifiers (continued) www.centralsemi.com i o (amps) 25 35 75 @ t c ( o c) 150 150 120 i fsm (amps) 800 600 1200 case do-4* do-5* v rrm (volts) 20 crsh25-2 30 crsh25-3 crsh35-3 crsh75-3 40 crsh35-4 crsh75-4 50 crsh35-5 crsh75-5 v f max @ i f =i o 20v 0.58v max @ 25a 30v 0.58v max @ 25a 0.63v max @ 35a 0.70v max @ 75a 40v 0.63v max @ 35a 0.70v max @ 75a 50v 0.63v max @ 35a 0.70v max @ 75a i r max @ v rrm 2.0ma 2.0ma 2.0ma * standard polarity is cathode to case. for reverse polarity add ?r? suffix to part number. (6-december 2004)


▲Up To Search▲   

 
Price & Availability of CRSH1-8LEADFREE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X